Part Number Hot Search : 
3845B RN1903FE 080D70M6 SMA6L30A 2SK16 IRF73 P1500 SMBJ100A
Product Description
Full Text Search
 

To Download LR8808-31 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lr8808 micropocessor reset circuits general description the lr8808 series are ultar-low current voltage detectors,which can be used to monitor the power supplies in microprocessor and digital systems. there are two output forms,and nch open-drain and cmos output are available. the lr8808 series are available sot23(-3 -5) package.performance is specified for -40 to +85 temperature range. features 0.95v to 8v input range reset threshold:1.5v 6.0v in 0.1v increments high-precision detection voltage: 2.0 % ultra-low current consumption: 1.0 a@3.5v(typ) sot23-3 sot23-5 package nmos open drain and cmos outpu t (active low ) 40 to +85 junction temperature range for operation applications battery-powered systems power supply monitoring handheld and portable equipment processor supervisor reset typical application circuit block diagram ( *1 : parasitic diode) 1/6 leshan radio company, ltd.
pin descriptions sot23 sot23-5 pin no a m r 1 gnd vout vout 2 vout gnd vcc 3 vcc vcc gnd 4 no connection 5 no connection connection diagrams sot23 package sot23-5 package ordering information the package type,the detector threshold,the output type and the taping type of lr8808 series can be designated at user?s reques t as following: code symbol description a 1.5~6.0 detect voltage c cmos output b n nch open drain output a/m package:sot23 c r package:sot23-5 absolute maximum ratings v in gnd to gnd +10v v out gnd to gnd +10v junction temperature ? 40c to +85c storage temperature ? 40c to +125c power dissipation sot23 250mw operating ratings v in 0.95v to 8v v out 0 to v in junction temperature ? 40c to +85c junction-to-ambient thermal resistance ( ja ) sot23 301 c /w sot23-5 220c /w 2/6 leshan radio company, ltd. lr8808
electrical characteristics unless otherwise specified,typical values and limits appearing in standard typeface are for t a = 25c. symbol item conditions min type max unit ? v det (figure1) detection voltage ? v det s 0.98 ? v det s ? v det s 1.02 v v hys (figure1) hysteresis width ? v det s 0.02 ? v det s 0.05 ? v det s 0.08 v lr8808 2.0 2.6 c/n 1.0 2.0 a lr8808 2.6 3.9 c/n 1.2 2.5 a iss current consumption v cc = ? v det + 0.5v lr8808 3.9 6.0 c/n 1.5 3.0 a vcc operating voltage 0.95 8 v lr8808 2.0 2.6 c/n 3.0 13.0 ma lr8808 2.6 3.9 c/n 3.0 15.0 ma nmos: v out =0.5v vcc= ? v det ? 0.5 lr8808 3.9 6.0 c/n 3.0 18.0 ma lr8808 2.0 2.6 c/n 1.5 4.0 ma lr8808 2.6 3.9 c/n 1.5 6.0 ma i out output current pmos: vcc ? v out =0.5v vcc= ? v det +0.5 lr8808 3.9 6.0 c/n 1.5 8.0 ma i leak leakage current only for nmos open-drain output products, v cc =8.0 v, v out =8.0 v 0.1 a temperature coefficient ta= ? 40c to +85c 120 360 ppm/ c t plh delay time 200 s figure1 3/6 leshan radio company, ltd. lr8808
making information dn159 lr8808-1.5 dn389 lr8808-3.8 dn169 lr8808-1.6 dn399 lr8808-3.9 dn179 lr8808-1.7 dn409 lr8808-4.0 dn189 lr8808-1.8 dn419 lr8808-4.1 dn199 lr8808-1.9 dn429 lr8808-4.2 dn209 lr8808-2.0 dn439 lr8808-4.3 dn219 lr8808-2.1 dn449 lr8808-4.4 dn229 lr8808-2.2 dn459 lr8808-4.5 dn239 lr8808-2.3 dn469 lr8808-4.6 dn249 lr8808-2.4 dn479 lr8808-4.7 dn259 lr8808-2.5 dn489 lr8808-4.8 dn269 lr8808-2.6 dn499 lr8808-4.9 dn279 lr8808-2.7 dn509 lr8808-5.0 dn289 lr8808-2.8 dn519 lr8808-5.1 dn299 lr8808-2.9 dn529 lr8808-5.2 dn309 lr8808-3.0 dn539 lr8808-5.3 dn319 lr8808-3.1 dn549 lr8808-5.4 dn329 lr8808-3.2 dn559 lr8808-5.5 dn339 lr8808-3.3 dn569 lr8808-5.6 dn349 lr8808-3.4 dn579 lr8808-5.7 dn359 lr8808-3.5 dn589 lr8808-5.8 dn369 lr8808-3.6 dn599 lr8808-5.9 dn379 lr8808-3.7 dn609 lr8808-6.0 4/6 leshan radio company, ltd. lr8808
physical dimensions 5/6 leshan radio company, ltd. lr8808
6/6 leshan radio company, ltd. lr8808


▲Up To Search▲   

 
Price & Availability of LR8808-31

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X